Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2103 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2103 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 3Page - NXP Semiconductors LPC2103 Datasheet HTML 4Page - NXP Semiconductors LPC2103 Datasheet HTML 5Page - NXP Semiconductors LPC2103 Datasheet HTML 6Page - NXP Semiconductors LPC2103 Datasheet HTML 7Page - NXP Semiconductors LPC2103 Datasheet HTML 8Page - NXP Semiconductors LPC2103 Datasheet HTML 9Page - NXP Semiconductors LPC2103 Datasheet HTML 10Page - NXP Semiconductors LPC2103 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LPC2101_02_03_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 October 2008
7 of 32
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
P0.11/CTS1/
CAP1.1/AD0.4
36[3]
I/O
P0.11 — General purpose input/output digital pin.
I
CTS1 — Clear to Send input for UART1.
I
CAP1.1 — Capture input for Timer 1, channel 1.
I
AD0.4 — ADC 0, input 4.
P0.12/DSR1/
MAT1.0/AD0.5
37[3]
I/O
P0.12 — General purpose input/output digital pin.
I
DSR1 — Data Set Ready input for UART1.
O
MAT1.0 — PWM output for Timer 1, channel 0.
I
AD0.5 — ADC 0, input 5.
P0.13/DTR1/
MAT1.1
41[1]
I/O
P0.13 — General purpose input/output digital pin.
O
DTR1 — Data Terminal Ready output for UART1.
O
MAT1.1 — PWM output for Timer 1, channel 1.
P0.14/DCD1/
SCK1/EINT1
44[4]
I/O
P0.14 — General purpose input/output digital pin.
I
DCD1 — Data Carrier Detect input for UART1.
I/O
SCK1 — Serial Clock for SPI1. SPI clock output from master or input to slave.
I
EINT1 — External interrupt 1 input.
P0.15/RI1/
EINT2
45[4]
I/O
P0.15 — General purpose input/output digital pin.
I
RI1 — Ring Indicator input for UART1.
I
EINT2 — External interrupt 2 input.
P0.16/EINT0/
MAT0.2
46[4]
I/O
P0.16 — General purpose input/output digital pin.
I
EINT0 — External interrupt 0 input.
O
MAT0.2 — PWM output for Timer 0, channel 2.
P0.17/CAP1.2/
SCL1
47[5]
I/O
P0.17 — General purpose input/output digital pin. The output is not
open-drain.
I
CAP1.2 — Capture input for Timer 1, channel 2.
I/O
SCL1 — I2C1 clock Input/output. This pin is an open-drain output if I2C1
function is selected in the pin connect block.
P0.18/CAP1.3/
SDA1
48[5]
I/O
P0.18 — General purpose input/output digital pin. The output is not
open-drain.
I
CAP1.3 — Capture input for Timer 1, channel 3.
I/O
SDA1 — I2C1 data Input/output. This pin is an open-drain output if I2C1
function is selected in the pin connect block.
P0.19/MAT1.2/
MISO1
1[1]
I/O
P0.19 — General purpose input/output digital pin.
O
MAT1.2 — PWM output for Timer 1, channel 2.
I/O
MISO1 — Master In Slave Out for SSP. Data input to SSP master or data
output from SSP slave.
P0.20/MAT1.3/
MOSI1
2[1]
I/O
P0.20 — General purpose input/output digital pin.
O
MAT1.3 — PWM output for Timer 1, channel 3.
I/O
MOSI1 — Master Out Slave for SSP. Data output from SSP master or data
input to SSP slave.
P0.21/SSEL1/
MAT3.0
3[1]
I/O
P0.21 — General purpose input/output digital pin.
I
SSEL1 — Slave Select for SPI1. Selects the SPI interface as a slave.
O
MAT3.0 — PWM output for Timer 3, channel 0.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32