| Moteur de recherche de fiches techniques de composants électroniques |
|
LM75B Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LM75B Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 29 page ![]() LM75B_2 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 02 — 9 December 2008 13 of 29 NXP Semiconductors LM75B Digital temperature sensor and thermal watchdog Fig 6. Write configuration register (1-byte data) 001aad624 1 1 S SDA SCL 00 1 A2 A1 A0 W A 0000000 1 A 000 D4 D3 D2 D1 D0 A P 23456789123456789 123456789 START STOP write device acknowledge device acknowledge device acknowledge device address pointer byte configuration data byte Fig 7. Read configuration register including pointer byte (1-byte data) 001aad625 SCL SDA (next) (next) 123456789123456789 device address pointer byte START RE-START write device acknowledge device acknowledge 00000001 A RS 1 S 0 0 1 A2 A1 A0 W A SCL (cont.) SDA (cont.) 123456789123456789 device address data byte from device STOP read master not acknowledged device acknowledge D7 D6 D5 D4 D3 D2 D1 D0 P 1001 A2 A1 A0 R A NA Fig 8. Read configuration or temp register with preset pointer (1-byte data) 001aad626 START S SCL SDA 123456789123456789 device address data byte from device STOP read master not acknowledged device acknowledge D7 D6 D5 D4 D3 D2 D1 D0 P 1001 A2 A1 A0 R A NA |