Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM1691 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 2Page - Texas Instruments PCM1691 Datasheet HTML 3Page - Texas Instruments PCM1691 Datasheet HTML 4Page - Texas Instruments PCM1691 Datasheet HTML 5Page - Texas Instruments PCM1691 Datasheet HTML 6Page - Texas Instruments PCM1691 Datasheet HTML 7Page - Texas Instruments PCM1691 Datasheet HTML 8Page - Texas Instruments PCM1691 Datasheet HTML 9Page - Texas Instruments PCM1691 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
RSV2
VCC2
AGND2
RSV2
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VOUT8
RSV2
AGND1
VCOM
VCC1
RSV2
RSV1
RSV2
RSV1
RSV2
LRCK
BCK
DIN1
DIN2
DIN3
DIN4
VDD
DGND
SCKI
RST
ZERO1
ZERO2
AMUTEI
AMUTEO
MD/SDA/DEMP
MC/SCL/FMT
MS/ADR0/RSV
TEST/ADR1/RSV
MODE
PCM1691
ThermalPad
RSV2
RSV2
RSV2
RSV2
RSV2
RSV2
RSV2
RSV2
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
DCA PACKAGE
HTSSOP-48
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
PULL-
5-V
NAME
PIN
I/O
DOWN
TOLERANT
DESCRIPTION
RSV2
1
—
—
—
Reserved, tied to analog ground
RSV1
2
—
—
—
Reserved, left open
RSV2
3
—
—
—
Reserved, tied to analog ground
RSV1
4
O
—
—
Reserved, left open
RSV2
5
I
—
—
Reserved, tied to analog ground
LRCK
6
I/O
Yes
No
Audio data word clock input
BCK
7
I/O
Yes
No
Audio data bit clock input
DIN1
8
I
No
No
Audio data input for DAC1 and DAC2
DIN2
9
I
No
No
Audio data input for DAC3 and DAC4
DIN3
10
I
No
No
Audio data input for DAC5 and DAC6
DIN4
11
I
No
No
Audio data input for DAC7 and DAC8
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47