| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC5704BECLU Fiches technique(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5704BECLU Fiches technique(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 98 page ![]() MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Pinout and Signal Descriptions Freescale Semiconductor 38 SSD[0..5]_0 SSD[0..5]_1 SSD[0..5]_2 SSD[0..5]_3 SSD (Stepper Stall Detect) Interface Bidirectional SSD inputs and control signals M[0:5]C0M M[0:5]C0P M[0:5]C1M M[0:5]C1P Stepper Motor Control (SMC) Interface Controls stepper motors in Dual H bridge configuration. CLKOUT Clock generation module (CGM) Output clock. It can be selected from several internal clocks of the device from the clock generation module. MA[0:2] ADC These three control bits are output to enable the selection for an external Analog Mux for expansion channels. Table 7. Signal Details (continued) Signal Peripheral Description |