Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY29976AI Fiches technique(PDF) 5 Page - Cypress Semiconductor

No de pièce CY29976AI
Description  3.3V, 125-MHz, Multi-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29976AI Fiches technique(HTML) 5 Page - Cypress Semiconductor

  CY29976AI Datasheet HTML 1Page - Cypress Semiconductor CY29976AI Datasheet HTML 2Page - Cypress Semiconductor CY29976AI Datasheet HTML 3Page - Cypress Semiconductor CY29976AI Datasheet HTML 4Page - Cypress Semiconductor CY29976AI Datasheet HTML 5Page - Cypress Semiconductor CY29976AI Datasheet HTML 6Page - Cypress Semiconductor CY29976AI Datasheet HTML 7Page - Cypress Semiconductor CY29976AI Datasheet HTML 8Page - Cypress Semiconductor CY29976AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY29976
Document #: 38-07413 Rev. *B
Page 5 of 9
SYNC Output
In situations were output frequency relationships are not integer multiples of each other the SYNC output provides a signal for system
synchronization. The CY29976 monitors the relationship between the QA and the QC output clocks. It provides a low going pulse,
one period in duration, one period prior to the coincident rising edges of the QA and QC outputs. The duration and the placement of
the pulse depend on the higher of the QA and QC output frequencies. The following timing diagram (Figure 1) illustrates various
waveforms for the SYNC output. Note that the SYNC output is defined for all possible combinations of the QA and QC outputs even
though under some relationships the lower frequency clock could be used as a synchronizing signal.
Figure 1. SYNC output for different input and out ratio
SYNC
QC
QA
SYNC
QC
QA
SYNC
QA
QC
SYNC
QC
QA
SYNC
QA
QC
SYNC
QC
QA
SYNC
QC
QA
VCO
1:1 Mode
2:1 Mode
3:1 Mode
3:2 Mode
4:1 Mode
4:3 Mode
6:1 Mode
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9