Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC5702CEVLQ Fiches technique(PDF) 4 Page - Freescale Semiconductor, Inc

No de pièce SPC5702CEVLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702CEVLQ Fiches technique(HTML) 4 Page - Freescale Semiconductor, Inc

  SPC5702CEVLQ Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5702CEVLQ Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5702CEVLQ Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5702CEVLQ Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5702CEVLQ Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5702CEVLQ Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5702CEVLQ Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5702CEVLQ Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5702CEVLQ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
4
I2C
224
GPIO
105
105
105 / 132
Debug
Nexus 1
Nexus 1
Nexus 2+5
Package
144 LQFP
144 LQFP
144 LQFP6
176 LQFP
208 MAPBGA7
1 Configuration is software-programmable
2 IC-Input Capture, OC-Output Compare, OPWM-Output Pulse Width Modulation
3 Support for external multiplexer enabling up to 23 channels
4 QuadSPI serial Flash controller can be optionally used as a third DSPI
5 Nexus2+ available on 176 LQFP as alternate pin function and on 208 MAPBGA
6 Not all features are available simultaneously in 144 LQFP package option
7 The 208-pin package is not a production package; it is available in limited quantities for tool
development only.
Table 1. MPC5606S Family (continued)
Feature
MPC5602S
MPC5604S
MPC5606S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98