| Moteur de recherche de fiches techniques de composants électroniques |
|
TSH110ILT Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH110ILT Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 19 page ![]() TSH110-TSH111-TSH112-TSH113-TSH114 13/19 Intermodulation Distortion A non-ideal output of the amplifier can be de- scribed by the following development : Vout=C0+C1(Vin)+C2(Vin) 2+C 3(Vin) 3+...+C n(Vin) n due to a non-linearity in the input-output amplitude transfert. In the case of Vin=Asinωt, CO is the DC component, C1(Vin) is the fundamental, CnA n is the amplitude of the harmonics. A one-frequency or one-tone input signal contrib- utes to a harmonic distortion. A two-tones input signal contributes to a harmonic distortion and in- termodulation product. This intermodulation product or intermodulation distortion of a two-tones input signal is the first step of the amplifier study for driving capability in the case of a multitone signal. In this case Vin=Asinω1t+Bsinω2t, and : V out= C O+C1(Asinω1t+Bsinω2t) + C2(Asinω1t+Bsinω2t)2+C3(Asinω1t+Bsinω2t)3 + ...C n(Vin) n V out= C O+C1(Asinω1t+Bsinω2t) + C2(A2+B2)/2-(C2/2)(A2cos2ω1t+B2cos2ω2t) + 2C 2AB(cos(ω1-ω2)t-cos(ω1+ω2)t) + (3C 3/4) (A3sin ω 1t+B 3sin ω 2t+2A 2Bsin ω 2t+2B 2Asin ω 1t) + (C 3A 3sin3 ω 1t+B 3sin 3ω 2t) + (3C 3A 2B/2)(sin(2 ω 1-ω2)t-1/2sin(2ω1+ω2)t) + (3C3B2A/2)(sin(−ω1+2ω2)t-1/2sin(ω1+2ω2)t) + ...C n(Vin) n In this expression, we can recognize the second order intermodulation IM2 by the frequencies ( ω 1-ω2) and (ω1+ω2) and the third order intermod- ulation IM3 by the frequencies (2 ω 1-ω2), (2ω1+ω2), ( −ω 1+2ω2) and (ω1+2ω2). The following graphs show the IM3 of the amplifier in two cases as a function of the output amplitude. The two-tones input signal is achieved by the mul- tisource generator Marconi 2026. Each tone has the same amplitude. The measurement is achieved by the spectrum analyser HP 3585A. Both instruments are phase locked to enhance measurement precision. (fig.30): 3rd Order Intermodulation (180kHz & 280kHz) AV=+4, Rfb=680Ω, no Cfb, RL=100Ω, Vcc=±6V (fig.31): 3rd Order Intermodulation (1MHz & 1.1MHz) AV=+2, Rfb=680Ω, Cfb=2pF, RL=100Ω, Vcc=±2.5V 012345 -100 -95 -90 -85 -80 -75 -70 -65 -60 640kHz 80kHz 380kHz 740kHz O utput Am plitude (V peak ) 0.0 0.5 1.0 1.5 2.0 -100 -95 -90 -85 -80 -75 -70 -65 -60 900kHz 1.2MHz 3.1MHz 3.2MHz Output Amplitude (V peak ) |