Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY2303 Fiches technique(PDF) 2 Page - Cypress Semiconductor

No de pièce CY2303
Description  Phase-Aligned Clock Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303 Fiches technique(HTML) 2 Page - Cypress Semiconductor

  CY2303_08 Datasheet HTML 1Page - Cypress Semiconductor CY2303_08 Datasheet HTML 2Page - Cypress Semiconductor CY2303_08 Datasheet HTML 3Page - Cypress Semiconductor CY2303_08 Datasheet HTML 4Page - Cypress Semiconductor CY2303_08 Datasheet HTML 5Page - Cypress Semiconductor CY2303_08 Datasheet HTML 6Page - Cypress Semiconductor CY2303_08 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY2303
Document #: 38-07249 Rev. *C
Page 2 of 7
Pinouts
Figure 1. CY2303 - 8-pin SOIC Top View
Maximum Ratings
Supply Voltage to Ground Potential................–0.5V to +7.0V
DC Input Voltage (Except Ref) .............. –0.5V to VDD + 0.5V
DC Input Voltage REFIN........................................ –0.5 to 7V
Storage Temperature ................................. –65°C to +150°C
Junction Temperature ................................................. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. >2000V
Pin Description
Pin
Signal[1]
Description
1
REF
REF output (1x Reference input)
2
GND
Ground
3
REFIN
Input reference frequency, 5V tolerant input
4
N/C
No Connect
5
REFx2
2x Reference input
6
REFx4
4x Reference input
7
VDD
3.3V Supply
8
OE
Output Enable (weak pull up)
1
2
3
4
5
8
7
6
REF
GND
REFIN
N/C
VDD
OE
REFx2
REFx4
Notes
1. Weak pull-down on all outputs.
2. Parameter is guaranteed by design and characterization. It is not 100% tested in production.
Operating Conditions for CY2303SC Commercial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, Fout < 133.33 MHz
18
pF
Load Capacitance, 133.33 MHz < Fout < 166.67 MHz
12
pF
CIN
Input Capacitance
7
pF
tPU
Power up time for all VDDs to reach minimum specified voltage (power
ramps must be monotonic)
0.05
50
ms
Electrical Characteristics for CY2303SC Commercial Temperature Devices
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
100
μA
IIH
Input HIGH Current
VIN = VDD
–50
μA
VOL
Output LOW Voltage[2]
IOL = 8 mA
0.4
V
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com