| Moteur de recherche de fiches techniques de composants électroniques |
|
TS932IDT Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS932IDT Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 14 page ![]() TS931-TS932-TS934 12/14 TS934ID PACKAGE MECHANICAL DATA 14 PINS - PLASTIC MICROPACKAGE (SO) Dim. Millim eters Inches Min. Typ. Max. Min. Typ. Max. A 1.75 0.069 a1 0.1 0.2 0.004 0.008 a2 1.6 0.063 b 0.35 0.46 0.014 0.018 b1 0.19 0.25 0.007 0.010 C 0.5 0.020 c1 45 ° (typ.) D (1) 8.55 8.75 0.336 0.344 E 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 F (1) 3.8 4.0 0.150 0.157 G 4.6 5.3 0.181 0.208 L 0.5 1.27 0.020 0.050 M 0.68 0.027 S8 ° (max.) Note : (1) D and F do not include mold flash or protrusions - Mold flash or protrusions shall not exceed 0.15mm (.066 inc) ONLY FOR DATA BOOK. D M 14 1 7 8 b e3 e E LG c1 s |