| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8313EVRAFDB Fiches technique(PDF) 73 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313EVRAFDB Fiches technique(HTML) 73 Page - Freescale Semiconductor, Inc |
|
73 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 73 Package and Pin Listings TSEC1_TXD1/TSEC_1588_PP2 AD6 O LVDDB TSEC1_TXD0/USBDR_STP/TSEC_1588_PP3 AD5 O LVDDB TSEC1_TX_EN/TSEC_1588_ALARM1 AB7 O LVDDB TSEC1_TX_ER/TSEC_1588_ALARM2 AB8 O LVDDB TSEC1_GTX_CLK125 AE1 I LVDDB TSEC1_MDC/LB_POR_CFG_BOOT_ECC_DIS AF6 O NVDD 9 TSEC1_MDIO AB9 IO NVDD 2 ETSEC2 TSEC2_COL/GTM1_TIN4/GTM2_TIN3/GPIO15 AB4 IO LVDDA TSEC2_CRS/GTM1_TGATE4/GTM2_TGATE3/GPIO16 AB3 IO LVDDA TSEC2_GTX_CLK/GTM1_TOUT4/GTM2_TOUT3/GPIO17 AC1 IO LVDDA TSEC2_RX_CLK/GTM1_TIN2/GTM2_TIN1/GPIO18 AC2 IO LVDDA TSCE2_RX_DV/GTM1_TGATE2/GTM2_TGATE1/GPIO19 AA3 IO LVDDA TSEC2_RXD3/GPIO20 Y5 IO LVDDA TSEC2_RXD2/GPIO21 AA4 IO LVDDA TSEC2_RXD1/GPIO22 AB2 IO LVDDA TSEC2_RXD0/GPIO23 AA5 IO LVDDA TSEC2_RX_ER/GTM1_TOUT2/GTM2_TOUT1/GPIO24 AA2 IO LVDDA TSEC2_TX_CLK/GPIO25 AB1 IO LVDDA TSEC2_TXD3/CFG_RESET_SOURCE0 W3 IO LVDDA TSEC2_TXD2/CFG_RESET_SOURCE1 Y1 IO LVDDA TSEC2_TXD1/CFG_RESET_SOURCE2 W5 IO LVDDA TSEC2_TXD0/CFG_RESET_SOURCE3 Y3 IO LVDDA TSEC2_TX_EN/GPIO26 AA1 IO LVDDA TSEC2_TX_ER/GPIO27 W1 IO LVDDA SGMII PHY TXA U3 O TXA V3 O RXA U1 I RXA V1 I TXB P4 O TXB N4 O Table 63. MPC8313E TEPBGAII Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |