Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSA1201 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TSA1201 Datasheet HTML 7Page - STMicroelectronics TSA1201 Datasheet HTML 8Page - STMicroelectronics TSA1201 Datasheet HTML 9Page - STMicroelectronics TSA1201 Datasheet HTML 10Page - STMicroelectronics TSA1201 Datasheet HTML 11Page - STMicroelectronics TSA1201 Datasheet HTML 12Page - STMicroelectronics TSA1201 Datasheet HTML 13Page - STMicroelectronics TSA1201 Datasheet HTML 14Page - STMicroelectronics TSA1201 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TSA1201
11/20
Linearity vs. Fin
Fs=50MHz; Icca=45mA
Linearity vs.Temperature
Fs=49.7MSPS; Icca=45mA; Fin=15MHz
Distortion vs. Fin
Fs=50MHz; Icca=45mA
Distortion vs. Temperature
Fs=49.7MSPS; Icca=45mA; Fin=15MHz
Single-tone 16K FFT at 50Msps
Fin=94.5MHz; Icca=45mA, Vin@-0.5dBFS
50
55
60
65
70
75
80
020
40
60
80
Fin (MHz)
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5
12
ENOB
SNR
SINAD
55
57
59
61
63
65
67
69
-40
10
60
110
Temperature (°C)
9.5
10
10.5
11
11.5
12
SINAD
ENOB
SNR
-90
-85
-80
-75
-70
-65
-60
0
2040
6080
Fin (MHz)
THD
SFDR
50
55
60
65
70
75
80
85
90
-40
10
60
110
Temperature (°C)
SFDR
THD
20
-140
0
-20
-40
-60
-80
-100
-120
15
10
5
0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20