Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8640D Fiches technique(PDF) 70 Page - Freescale Semiconductor, Inc

No de pièce MPC8640D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640D Fiches technique(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8640D Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
70
Freescale Semiconductor
PCI Express
14.3
Clocking Dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm)
of each other at all times. This is specified to allow bit rate clock sources with a +/– 300 ppm tolerance.
14.4
Physical Layer Specifications
The following is a summary of the specifications for the physical layer of PCI Express on this device. For
further details as well as the specifications of the Transport and Data Link layer please use the PCI
EXPRESS Base Specification. REV. 1.0a document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More