| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8640 Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8640 Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 140 page ![]() MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1 2 Freescale Semiconductor Overview Figure 1. MPC8640 and MPC8640D AND 1x/4x SRIO (2.5 GB/s) ] [ x1/x2/x4/x8 PCI Exp (4 GB/s) OR [2-x1/x2/x4/x8 PCI Express (8 GB/S) ] 32-Kbyte L1 Instruction Cache e600 Core 32-Kbyte L1 Data Cache e600 Core Block Local Bus Controller Multiprocessor Programmable Interrupt DDR SDRAM Controller SDRAM IRQs External Control DDR SDRAM Controller (LBC) Controller (MPIC) SDRAM ROM, GPIO Dual Universal Asynchronous Receiver/Transmitter (DUART) Serial I2C Controller I2C I2C Controller I2C Enhanced TSEC Controller 10/100/1Gb Enhanced TSEC Controller 10/100/1Gb Enhanced TSEC Controller 10/100/1Gb PCI Express Interface Four-Channel DMA Controller Enhanced TSEC Controller 10/100/1Gb OCeaN Switch Fabric MPX Coherency Module (MCM) 1-Mbyte L2 Cache Platform MPX Bus RMII, GMII, MII, RGMII, TBI, RTBI RMII, GMII, MII, RGMII, TBI, RTBI RMII, GMII, MII, RGMII, TBI, RTBI RMII, GMII, MII, RGMII, TBI, RTBI Platform Bus e600 Core e600 Core Block L2 Cache 32-Kbyte L1 Instruction Cache 32-Kbyte L1 Data Cache 1-Mbyte Serial RapidIO Interface or PCI Express Interface |