| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5633MMMG80 Fiches technique(PDF) 81 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMMG80 Fiches technique(HTML) 81 Page - Freescale Semiconductor, Inc |
|
81 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 81 VOH_LS CC P Multi-voltage pad I/O output high voltage in low-swing mode10,11,12,13,17 IOH_LS = 0.5 mA Min VDDEH = 4.75 V 2.1 — 3.7 V VOH_HS CC P Multi-voltage pad I/O output high voltage in high-swing mode17 —0.8 VDDEH —— V VHYS_S CC C Slow/medium/multi-vol tage I/O input hysteresis — 0.1 * VDDEH —— V VHYS_F CC C Fast I/O input hysteresis — 0.1 * VDDE —— V VHYS_LS CC C Low-Swing-Mode Multi-Voltage I/O Input Hysteresis hysteresis enabled 0.25 — — V IDD+IDDPLL 19 CC P Operating current 1.2 V supplies VDD = 1.32 V, 80 MHz — — 195 mA CC P VDD = 1.32 V, 60 MHz — — 135 CC P VDD = 1.32 V, 40 MHz —— 98 IDDSTBY CC T Operating current 1 V supplies TJ =25 oC— — 80 µA CC T TJ =55 oC — — 100 µA IDDSTBY150 CC P Operating current TJ=150 oC — — 700 A IDDSLOW IDDSTOP CC P VDD low-power mode operating current @ 1.32 V Slow mode20 —— 50 mA C Stop mode21 —— 50 IDD33 CC T Operating current 3.3 V supplies @ 80 MHz VRC33 4,22 —— 70 mA IDDA IREF IDDREG CC P Operating current 5.0 V supplies @ 80 MHz VDDA —— 30 mA P Analog reference supply current —— 1.0 CVDDREG —— 70 Table 19. DC electrical specifications1 (continued) Symbol C Parameter Conditions Value2 Unit min typ max |