| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5200CVR466B Fiches technique(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5200CVR466B Fiches technique(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 72 page ![]() MPC5200B Data Sheet, Rev. 3 Freescale Semiconductor 45 Figure 35. Timing Diagram — SPI Slave Mode, Format 1 (CPHA = 1) 1.3.13 MSCAN The CAN functions are available as RX and TX pins at normal IO pads (I2C1+GPTimer or PSC2). There is no filter for the WakeUp dominant pulse. Any High-to-Low edge can cause WakeUp, if configured. 1.3.14 I2C Table 40. I2C Input Timing Specifications—SCL and SDA Sym Description Min Max Units SpecID 1 Start condition hold time 2 — IP-Bus Cycle(1) 1 Inter Peripheral Clock is defined in the MPC5200B User Manual. A13.1 2 Clock low time 8 — IP-Bus Cycle(1) A13.2 4 Data hold time 0.0 — ns A13.3 6 Clock high time 4 — IP-Bus Cycle(1) A13.4 7 Data setup time 0.0 — ns A13.5 8 Start condition setup time (for repeated start condition only) 2 — IP-Bus Cycle(1) A13.6 9 Stop condition setup time 2 — IP-Bus Cycle(1) A13.7 SCK (CLKPOL=0) SCK (CLKPOL=1) MOSI Input Input Input SS Input MISO Output 1 22 7 8 3 4 6 5 |