| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5121E Fiches technique(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5121E Fiches technique(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 86 page ![]() Pin Assignments MPC5121E/MPC5123 Data Sheet, Rev. 1 Freescale Semiconductor 13 GP Input Only (4 Total) GPIO28 A19 Analog Input VBAT_RTC — GPIO29 E17 Analog Input VBAT_RTC — GPIO30 C18 Analog Input VBAT_RTC — GPIO31 B18 Analog Input VBAT_RTC — DDR Reference Voltage MVREF AB11 Analog Input Voltage Reference for SSTL input pads USB – PHY without Power and Ground Supplies (7 Total) USB_XTALI C24 Analog Input USB_PLL_PWR3 Oscillator Input USB_XTALO B24 Analog Output USB_PLL_PWR3 Oscillator Output USB_DP A23 Analog IO USB_VDDA — USB_DM A22 Analog IO USB_VDDA — USB_TPA A24 Analog Output — — USB_VBUS D21 Analog IO — — USB_UID E19 Analog Input — — USB digital IOs (2 Total) USB2_VBUS_PWR_FA ULT B21 General IO VDD_IO — USB2_DRVVBUS A21 General IO VDD_IO — SATA PHY without Power and Ground Supplies (7 Total) SATA_XTALI C3 Analog Input SATA_VDDA_3P3 Oscillator Input SATA_XTALO C2 Analog Output SATA_VDDA_3P3 Oscillator Output SATA_ANAVIZ E5 Analog Output — SATA PHY debug output SATA_TXN E1 Analog Output SATA_VDDA_1P2 — SATA_TXP F1 Analog Output SATA_VDDA_1P2 — SATA_RXP A5 Analog Input SATA_VDDA_1P2 — SATA_RXN A4 Analog Input SATA_VDDA_1P2 — Power and Ground Supplies (without SATA PHY and USB PHY) VDD_CORE K10, K11, K12, K13, K14, K15, K16, K17, L10, L17, M10, M17, N10, N17, P10, P17, R10, R17, T10, T17, U10, U11, U12, U13, U14, U15, U16, U17 Power — — Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 10 of 12) Signal Package Pin Number Pad Type Power Supply Notes Preliminary |