Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS925IN Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce TS925IN
Description  RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS925IN Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button TS925IN Datasheet HTML 9Page - STMicroelectronics TS925IN Datasheet HTML 10Page - STMicroelectronics TS925IN Datasheet HTML 11Page - STMicroelectronics TS925IN Datasheet HTML 12Page - STMicroelectronics TS925IN Datasheet HTML 13Page - STMicroelectronics TS925IN Datasheet HTML 14Page - STMicroelectronics TS925IN Datasheet HTML 15Page - STMicroelectronics TS925IN Datasheet HTML 16Page - STMicroelectronics TS925IN Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package Mechanical Data
TS925
14/17
4
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second level
interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.
4.1
DIP16 P
ackage
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
Plastic DIP-16 (0.25) MECHANICAL DATA
P001C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17