Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS831 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TS831
Description  MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS831 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TS831 Datasheet HTML 3Page - STMicroelectronics TS831 Datasheet HTML 4Page - STMicroelectronics TS831 Datasheet HTML 5Page - STMicroelectronics TS831 Datasheet HTML 6Page - STMicroelectronics TS831 Datasheet HTML 7Page - STMicroelectronics TS831 Datasheet HTML 8Page - STMicroelectronics TS831 Datasheet HTML 9Page - STMicroelectronics TS831 Datasheet HTML 10Page - STMicroelectronics TS831 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS831
10/11
PACKAGE MECHANICAL DATA
3 PINS - PLASTIC PACKAGE TO92
Dim.
Millim eters
Inches
Min
Typ.
Max.
Min.
Typ.
Max.
L
1.27
0.05
B
3.2
3.7
4.2
0.126
0.1457
0.1654
O1
4.45
5.00
5.2
0.1752
0.1969
0.2047
C
4.58
5.03
5.33
0.1803
0.198
0.2098
K
12.7
0.5
O2
0.407
0.5
0.508
0.016
0.0197
0.02
a
0.35
0.0138



Html Pages

1 2 3 4 5 6 7 8 9 10 11