| Moteur de recherche de fiches techniques de composants électroniques |
|
TS7514CP Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS7514CP Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 19 page ![]() RECEIVE CHANNEL PROGRAMMING REGISTER (RPRX REGISTER) Address Data Configuration D7 D6 D5 D4 D3 D2 D1 D0 P 1 1 1 X X 0 X Low Frequency Wide Band Selected (Figure 7b) (Note 1) X X 1 X Low Frequency Narrow Band Selected (Figure 7c) X X X 0 Carrier Level Detector Delay Enabled* X X X 1 Carrier Level Detector Delay Disabled. Note 1 : In active tone detection mode (MOD/DTMF = Ø, MC/BC = 1, RTS = 1 see op. modes), The low frequency wide band is automatically selected for the receive channel, whatever the RPRX register programming value. After a switch back to modem mode (MOD/DTMF = 1, MC/BC = Ø or 1) the RPRX register indicates again the value programmed before the active tone detection mode. RTS MC/BC and MOD/DTMF TxD or PRD 1 2 3 4 5 6 78 9 4 Figure 5 : 1st Case : Programmation without Data Transmission 5 6 10 11 11 D0 Data n D7 Data n Data n1 RTS MC/BC and MOD/DTMF TxD or PRD Figure 6 : 2nd Case : Programmation with TxD During Data Transmission INPUT SHIFT REGISTER ACCESS TS7514 10/19 |