Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS68230CFN10 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce TS68230CFN10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CFN10 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button TS68230CFN10 Datasheet HTML 29Page - STMicroelectronics TS68230CFN10 Datasheet HTML 30Page - STMicroelectronics TS68230CFN10 Datasheet HTML 31Page - STMicroelectronics TS68230CFN10 Datasheet HTML 32Page - STMicroelectronics TS68230CFN10 Datasheet HTML 33Page - STMicroelectronics TS68230CFN10 Datasheet HTML 34Page - STMicroelectronics TS68230CFN10 Datasheet HTML 35Page - STMicroelectronics TS68230CFN10 Datasheet HTML 36Page - STMicroelectronics TS68230CFN10 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
PBCR
5 4 3
H4 Control
X X 0
Output pin - interlocked input handshake protocol, H4S is always cleared.
X X 1
Output pin - pulsed input handshake protocol, H4S is always cleared.
PBCR
2
H4 Interrupt Enable
0
The H4 interrupt is disabled.
1
The H4 interrupt is enabled.
Programmable Options Mode 2 - Port A Submode XX and Port B Submode XX (continued)
PBCR
1
H3 SVCRQ Enable
0
The H3 interrupt and DMA request are disabled.
1
The H3 interrupt and DMA request are enabled.
PBCR
0
H3 Status Control
X
The H3S status bit is set anytime input data is present in the double-buffered input path.
3.6. MODE 3 - BIDIRECTIONAL 16-BIT MODE
In mode 3, ports A and B are used for bidirectional
16-bit double-buffered transfers. H1 and H2 control
output transfers, while H3 and H4 control input
transfers. H1 and H2 are enabled by the H12 ena-
ble bit while H3 and H4 are enabled by the H34 ena-
ble bit of the port general control register. The
instantaneous direction of data is determined by the
H1 handshake pin, thus, the data direction registers
are not used and have no affect. The port A and port
B submode fields do not affect PI/T operation in
mode 3. Port A and port B output buffers are con-
trolled by the level of H1. When H1 is negated, the
output buffers (all 16) are enabled and the pins drive
the bidirectional port bus. Generally a peripheral will
negate H1 in response to an asserted H2, which in-
dicates that new output data is present in the dou-
ble-buffered latches. Following acceptance of the
data, the peripheral asserts H1, disabling the output
buffers. Other than controlling the output buffers, H1
is edge-sensitive as in other modes. The port A and
port B data direction registers are not used.
3.6.1. DOUBLE-BUFFERED INPUT TRANSFERS.
Port A and B input data that meets the port setup and
hold times is latched on the asserted edge of H3 and
placed in the initial input latch or the final input latch.
H3 is edge-sensitive, and may assume any duty-cy-
cle as long as both high and low minimum times are
observed. The PI/T contains a port status register
whose H3S status bit is set anytime any input data
is present in the double-buffered latches that has not
been read by the bus master. The action of H4 is
programmable and can be programmed as :
1. H4 may be an output pin in the interlocked in-
put handshake protocol. It is asserted when
the port input latches are ready to accept new
data. It is negated asynchronously following
the asserted edge of the H3 input. As soon as
the input latches become ready, H4 is again
asserted. When the input double-buffered
latches are full, H4 remains negated until data
is removed. Thus, anytime the H4 output is as-
serted, new input data may be entered by as-
serting H3. At other times transitions on H3 are
ignored. The H4S status bit is always clear.
When H34 enable in the port general control
register is clear, H4 is held negated.
2. H4 may be an output pin in the pulsed input
handshake protocol. It is asserted exactly as in
the interlocked input protocol above, but never
remains asserted longer than four clock cycles.
Typically, a four clock cycle pulse is generated.
But in the case that a subsequent H3 asserted
edge occurs before termination of the pulse, H4
is negated asynchronously. Thus, anytime after
the leading edge of the H4 pulse, new data may
be entered in the double-buffered input latches.
The H4 status bit is always clear. When H34 en-
able is clear, H4 is held negated.
TS68230
33/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com