Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS68HC901 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce TS68HC901
Description  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button TS68HC901 Datasheet HTML 18Page - STMicroelectronics TS68HC901 Datasheet HTML 19Page - STMicroelectronics TS68HC901 Datasheet HTML 20Page - STMicroelectronics TS68HC901 Datasheet HTML 21Page - STMicroelectronics TS68HC901 Datasheet HTML 22Page - STMicroelectronics TS68HC901 Datasheet HTML 23Page - STMicroelectronics TS68HC901 Datasheet HTML 24Page - STMicroelectronics TS68HC901 Datasheet HTML 25Page - STMicroelectronics TS68HC901 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
7
TIMER C AND D CONTROL REGISTER
0
TCDCR
(1Dh)
0*
CC2
CC1
CC0
0*
DC2
DC1
DC0
CLEARED on RESET
0*
Unused bits, read as zero.
CC2-CC0
DC2-DC0
These bits are decoded to determine the timer operation mode.
CC2
DC2
CC1
DC1
CC0
DC0
Operation Mode
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Timer Stopped*
Delay Mode,
÷ 4 Prescaler
Delay Mode,
÷ 10 Prescaler
Delay Mode,
÷ 16 Prescaler
Delay Mode,
÷ 50 Prescaler
Delay Mode,
÷ 64 Prescaler
Delay Mode,
÷ 100 Prescaler
Delay Mode,
÷ 200 Prescaler
* Regardless of the operation mode, counting is inhibited when the timer is stopped.
The contents of the timer’s main counter is not affected, although any residual count in
the prescaler is lost.
SET: End of write cycle which clears the bit
CLEARED: MPUwrites a zero
Figure 15 :
®
TS68HC901
22/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42