Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS555CP Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TS555CP
Description  LOW POWER SINGLE CMOS TIMERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555CP Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TS555CP Datasheet HTML 4Page - STMicroelectronics TS555CP Datasheet HTML 5Page - STMicroelectronics TS555CP Datasheet HTML 6Page - STMicroelectronics TS555CP Datasheet HTML 7Page - STMicroelectronics TS555CP Datasheet HTML 8Page - STMicroelectronics TS555CP Datasheet HTML 9Page - STMicroelectronics TS555CP Datasheet HTML 10Page - STMicroelectronics TS555CP Datasheet HTML 11Page - STMicroelectronics TS555CP Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.020
c1
45
o (typ.)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.150
0.157
L
0.4
1.27
0.016
0.050
M
0.6
0.024
S8
o (max.)
TS555C,I,M
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12