Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS615P Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce TS615P
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615P Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button TS615P Datasheet HTML 19Page - STMicroelectronics TS615P Datasheet HTML 20Page - STMicroelectronics TS615P Datasheet HTML 21Page - STMicroelectronics TS615P Datasheet HTML 22Page - STMicroelectronics TS615P Datasheet HTML 23Page - STMicroelectronics TS615P Datasheet HTML 24Page - STMicroelectronics TS615P Datasheet HTML 25Page - STMicroelectronics TS615P Datasheet HTML 26Page - STMicroelectronics TS615P Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
TS615
26/27
Unlike the level Vo° required for a passive imped-
ance, Vo° will be smaller than 2Vo in our case. Let
us write Vo°=kVo with k the matching factor vary-
ing between 1 and 2. Assuming that the current
through R3 is negligible, it comes the following re-
sistance divider:
After choosing the k factor, Rs will equal to
1/2RL(k-1).
A good impedance matching assumes:
From (eq4) and (eq5) it becomes:
By fixing an arbitrary value of R2, (eq6) gives:
Finally, the values of R2 and R3 allow us to extract
R1 from (eq1), and it comes:
with GL the required gain.
Figure 77 : Components Calculation for
Impedance Matching Implementation
Ro
kV oRL
RL
2R s1
+
------------------------------
=
Ro
1
2
--- RL eq5
()
,
=
R2
R3
--------1
2Rs
RL
----------- eq6
()
,
–
=
GL (gain for the
loaded system)
GL is fixed for the application requirements
GL=Vo/Vi=0.5(1+2R2/R1+R2/R3)/(1-R2/R3)
R1
2R2/[2(1-R2/R3)GL-1-R2/R3]
R2 (=R4)
Abritrary fixed
R3 (=R5)
R2/(1-Rs/0.5RL)
Rs
0.5RL(k-1)
Load viewed by
each driver
kRL/2
R3
R2
1
2Rs
RL
-----------
–
---------------------
=
R1
2R2
21
R2
R3
--------
–

 GL 1
–
R2
R3
--------
–
----------------------------------------------------------- eq7
()
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27