| Moteur de recherche de fiches techniques de composants électroniques |
|
TS615IPWT Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS615IPWT Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 27 page ![]() TS615 24/27 CHOICE OF THE FEEDBACK CIRCUIT Table 71 : Closed-Loop Gain - Feedback Compo- nents INVERTING AMPLIFIER BIASING In this case a resistance is necessary to achieve a good input biasing, as R on (fig.30). This resistance is calculated by assuming the neg- ative and positive input bias current. The aim is to make the compensation of the offset bias current which could affect the input offset voltage and the output DC component. Assuming Ib-, Ib+, Rin, Rfb and a zero volt output, the resistance R comes: R = Rin // Rfb . Figure 72 : Compensation of the Input Bias Current ACTIVE FILTERING Figure 73 : Low-Pass Active Filtering. Sallen-Key The resistors Rfb and RG give directly the gain of the filter as a classical non-inverting amplification configuration : Assuming the following expression as the re- sponse of the system: the cutoff frequency is not gain dependent and it comes: the damping factor comes: The higher the gain the more sensitive the damp- ing factor is. When the gain is higher than 1 it is preferable to use some very stable resistors and capacitors values. In the case of R1=R2: VCC (V) Gain Rfb (Ω) ±6 +1 750 +2 680 +4 620 +8 510 -1 680 -2 680 -4 620 -8 510 ±2.5 +1 1.1k +2 1k +4 910 +8 680 -1 1k -2 1k -4 910 -8 680 R Load Output Rfb Rin Ib- Ib+ Vcc+ Vcc- TS615 + _ R Load Output Rfb Rin Ib- Ib+ Vcc+ Vcc- TS615 + _ + _ RG IN Rfb 910 Ω TS615 25 Ω OUT R1 R2 C2 C1 + _ RG IN Rfb 910 Ω TS615 25 Ω OUT R1 R2 C2 C1 A V g1 R fb R g ---------- + == T j ω Vout j ω Vin j ω ------------------- g 12 ζ j ω ω c ------- j ω () 2 ω c 2 -------------- ++ --------------------------------------------- == ω c 1 R1R2C 1C2 -------------------------------------- = ζ 1 2 --- ω c C 1 R 1 C 1 R 2 C 2 R 1 C 1 R 1 g – ++ () = ζ 2C 2 C 1 R fb R g ---------- – 2C 1 C 2 ------------------------------------ = |