| Moteur de recherche de fiches techniques de composants électroniques |
|
TS514 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS514 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 7 page ![]() . SINGLE OR SPLIT SUPPLY OPERATION . LOW POWER CONSUMPTION . SHORT CIRCUIT PROTECTION . LOW DISTORTION, LOW NOISE . HIGH GAIN-BANDWIDTH PRODUCT . HIGH CHANNEL SEPARATION ** Standard Linear Ics Macromodels, 1993. ** CONNECTIONS : * 1 INVERTING INPUT * 2 NON-INVERTING INPUT * 3 OUTPUT * 4 POSITIV E POWER SUPPLY * 5 NEGATIVE POWER SUPPLY .SUBCKT TS514 1 3 2 4 5 (analog) ********************************************************** .MODEL MDTH D IS=1E-8 KF=6.647807E-16 CJO=10F * INPUT STAGE CIP 2 5 1.000000E-12 CIN 1 5 1.000000E-12 EIP 10 5 2 5 1 EIN 16 5 1 5 1 RIP 10 11 1.300000E+01 RIN 15 16 1.300000E+01 RIS 11 15 6.437882E+01 DIP 11 12 MDTH 400E-12 DIN 15 14 MDTH 400E-12 VOFP 12 13 DC 0 VOFN 13 14 DC 0 IPOL 13 5 2.000000E-05 CPS 11 15 9.75E-10 DINN 17 13 MDTH 400E-12 VIN 17 5 0.000000e+00 DINR 15 18 MDTH 400E-12 VIP 4 18 1.500000E+00 FCP 4 5 VOFP 1.525000E+01 FCN 5 4 VOFN 1.525000E+01 FIBP 2 5 VOFN 5.000000E-03 FIBN 5 1 VOFP 5.000000E-03 * AMPLIFYING STAGE FIP 5 19 VOFP 1.125000E+03 FIN 5 19 VOFN 1.125000E+03 RG1 19 5 6.512062E+05 RG2 19 4 6.512062E+05 CC 19 29 1.500000E-08 HZTP 30 29 VOFP 8.944787E+02 HZTN 5 30 VOFN 8.944787E+02 DOPM 19 22 MDTH 400E-12 DONM 21 19 MDTH 400E-12 HOPM 22 28 VOUT 6.521739E+03 VIPM 28 4 1.500000E+02 HONM 21 27 VOUT 6.521739E+03 VINM 5 27 1.500000E+02 GCOMP 5 4 4 5 7.485029E-04 RPM1 5 80 1E+09 RPM2 4 80 1E+09 GAVPH 5 82 19 80 2.99E-03 RAVPHGH 82 4 668 RAVPHGB 82 5 668 RAVPHDH 82 83 1000 RAVPHDB 82 84 1000 CAVPHH 4 83 0.352E-09 CAVPHB 5 84 0.352E-09 EOUT 26 23 82 5 1 VOUT 23 5 0 ROUT 26 3 150 COUT 3 5 1.000000E-12 DOP 19 25 MDTH 400E-12 VOP 4 25 1.785252E+00 DON 24 19 MDTH 400E-12 VON 24 5 1.785252E+00 .ENDS Applies to : TS514i,AI TS514,A 4/7 |