Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS431AI Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce TS431AI
Description  LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431AI Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button TS431AI Datasheet HTML 4Page - STMicroelectronics TS431AI Datasheet HTML 5Page - STMicroelectronics TS431AI Datasheet HTML 6Page - STMicroelectronics TS431AI Datasheet HTML 7Page - STMicroelectronics TS431AI Datasheet HTML 8Page - STMicroelectronics TS431AI Datasheet HTML 9Page - STMicroelectronics TS431AI Datasheet HTML 10Page - STMicroelectronics TS431AI Datasheet HTML 11Page - STMicroelectronics TS431AI Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Package mechanical data
TS431
8/14
3
Package mechanical data
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a Lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14