| Moteur de recherche de fiches techniques de composants électroniques |
|
TS512 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS512 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Inverting input Non-inverting input R1 R2 R3 R4 8 Output 4 Q1 Q2 Q3 D1 Q4 Q5 Q6 Q13 R6 Q12 R7 Q9 D2 Q14 Q16 Q15 Q20 R10 C1 Q23 Q10 Q11 R9 D5 C2 Q8 Q7 Q18 R5 D4 D3 Q21 Q22 Q19 Q17 R8 D6 D7 SCHEMATIC DIAGRAM (1/2 TS512) ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage ±18 V Vi Input Voltage ±VCC Vid Differential Input Voltage ± (VCC -1) Toper Operating Free Air Temperature Range -40 to +125 oC Ptot Power Dissipation at Tamb =70 oC 500 mW Tj Junction Temperature 150 oC Tstg Storage Temperature Range -65 to +150 oC TS512,A 2/7 |