Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5071 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TS5071
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5071 Fiches technique(HTML) 4 Page - STMicroelectronics

  TS5071 Datasheet HTML 1Page - STMicroelectronics TS5071 Datasheet HTML 2Page - STMicroelectronics TS5071 Datasheet HTML 3Page - STMicroelectronics TS5071 Datasheet HTML 4Page - STMicroelectronics TS5071 Datasheet HTML 5Page - STMicroelectronics TS5071 Datasheet HTML 6Page - STMicroelectronics TS5071 Datasheet HTML 7Page - STMicroelectronics TS5071 Datasheet HTML 8Page - STMicroelectronics TS5071 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
PIN CONNECTIONS
POWER SUPPLY, CLOCK
Name
Pin
Type
TS5070
FN
TS5071
N
Function
Description
VCC
VSS
GND
S
S
S
27
3
1
19
3
1
Positive Power
Supply
Negative
Power Supply
Ground
+5 V
± 5%
–5V
± 5%
All analog and digital signals are referenced to this pin.
BCLK
I
16
12
Bit Clock
Bit clock input used to shift PCM data into and out of the
DR and DX pins. BCLK may vary from 64 kHz to 4.096
MHz in 8 kHz increments, and must be synchronous with
MCLK (TS5071 only).
MCLK
I
17
12
Master Clock
Master clock input used by the switched capacitor filters
and the encoder and decoder sequencing logic. Must be
512 kHz, 1. 536/1. 544 MHz,
2.048 MHz or 4.096 MHz and synchronous with BCLK.
BCLK and MCLK are wired together in the TS5071.
PLCC28
TS5070FN
DIP20
TS5071N
TS5070 - TS5071
4/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32