| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5501 Fiches technique(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5501 Fiches technique(HTML) 21 Page - Analog Devices |
|
21 / 28 page ![]() ADP5501 Rev. 0 | Page 21 of 28 Bit Name R/W Description 3 BL_AUTO_AD J R/W 0 = ambient light sensor comparators have no effect on the backlight operating level. The user can manually adjust the backlight operating level using the BL_LVL bits. 1 = ambient light sensor comparators automatically adjust the backlight operating level. The internal state machine takes control of the BL_LVL bits. 2 OVP_EN R/W 0 = soft OVP protection disabled. 1 = soft OVP protection enabled. 1 FOVR R/W 0 = backlight fade override is disabled. 1 = backlight fade override is enabled. 0 Not used Table 10. Register 0x03, Backlight Off and Dim Timers (BL_TIME) Bit Name R/W Description 7 to 4 BL_OFFT R/W Backlight off timer; the timer should be set before BL_EN is set. 0000 = the timer is disabled. 0001 = 10 sec. 0010 = 15 sec. 0011 = 20 sec. 0100 = 25 sec. 0101 = 30 sec. 0110 = 35 sec. 0111 = 40 sec. 1000 = 50 sec. 1001 = 60 sec. 1010 = 70 sec. 1011 = 80 sec. 1100 = 90 sec. 1101 = 100 sec. 1110 = 110 sec. 1111 = 120 sec. 3 to 0 BL_DIMT R/W Backlight dim timer; the timer should be set before BL_EN is set. 0000 = the timer is disabled. 0001 = 10 sec. 0010 = 15 sec. 0011 = 20 sec. 0100 = 25 sec. 0101 = 30 sec. 0110 = 35 sec. 0111 = 40 sec. 1000 = 50 sec. 1001 = 60 sec. 1010 = 70 sec. 1011 = 80 sec. 1100 = 90 sec. 1101 = 100 sec. 1110 = 110 sec. 1111 = 120 sec. |