Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE5169 Fiches technique(PDF) 67 Page - Analog Devices

No de pièce ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Fiches technique(HTML) 67 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 63Page - Analog Devices ADE5169 Datasheet HTML 64Page - Analog Devices ADE5169 Datasheet HTML 65Page - Analog Devices ADE5169 Datasheet HTML 66Page - Analog Devices ADE5169 Datasheet HTML 67Page - Analog Devices ADE5169 Datasheet HTML 68Page - Analog Devices ADE5169 Datasheet HTML 69Page - Analog Devices ADE5169 Datasheet HTML 70Page - Analog Devices ADE5169 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 67 of 148
ENERGY MEASUREMENT INTERRUPTS
The energy measurement part of the ADE5166/ADE5169 has
its own interrupt vector for the 8052 core, Vector Address 0x004B
(see the Interrupt Vectors section). The bits set in the Interrupt
Enable 1 SFR (MIRQENL, Address 0xD9), Interrupt Enable 2
SFR (MIRQENM, Address 0xDA), and Interrupt Enable 3 SFR
(MIRQENH, Address 0xDB) enable the energy measurement
interrupts that are allowed to interrupt the 8052 core. If an
event is not enabled, it cannot create a system interrupt.
The ADE interrupt stays active until the status bit that has created
the interrupt is cleared. The status bit is cleared when a 0 is written
to this register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More