| Moteur de recherche de fiches techniques de composants électroniques |
|
TS419-2 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS419-2 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 32 page ![]() TS419-TS421 2/32 ABSOLUTE MAXIMUM RATINGS OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply voltage 1) 6V Vi Input Voltage -0.3V to VCC +0.3V V Tstg Storage Temperature -65 to +150 °C Tj Maximum Junction Temperature 150 °C Rthja Thermal Resistance Junction to Ambient SO8 MiniSO8 DFN8 175 215 70 °C/W Pd Power Dissipation 2) SO8 MiniSO8 DFN8 0.71 0.58 1.79 W ESD Human Body Model (pin to pin): TS4193), TS421 1.5 kV ESD Machine Model - 220pF - 240pF (pin to pin) 100 V Latch-up Latch-up Immunity (All pins) 200 mA Lead Temperature (soldering, 10sec) 250 °C Output Short-Circuit to Vcc or GND continous 4) 1. All voltage values are measured with respect to the ground pin. 2. Pd has been calculated with Tamb = 25°C, Tjunction = 150°C. 3. TS419 stands 1.5KV on all pins except standby pin which stands 1KV. 4. Attention must be paid to continous power dissipation (VDD x 300mA). Exposure of the IC to a short circuit for an extended time period is dramatically reducing product life expectancy. Symbol Parameter Value Unit VCC Supply Voltage 2 to 5.5 V RL Load Resistor ≥ 16 Ω Toper Operating Free Air Temperature Range -40 to + 85 °C CL Load Capacitor RL = 16 to 100Ω RL > 100Ω 400 100 pF VICM Common Mode Input Voltage Range GND to VCC-1V V VSTB Standby Voltage Input TS421 ACTIVE / TS419 in STANDBY TS421 in STANDBY / TS419 ACTIVE 1.5 ≤ V STB ≤ VCC GND ≤ V STB ≤ 0.4 1) V RTHJA Thermal Resistance Junction to Ambient SO8 MiniSO8 DFN8 2) 150 190 41 °C/W Twu Wake-up time from standby to active mode (Cb = 1µF) 3) ≥ 0.12 s 1. The minimum current consumption ( ISTANDBY) is guaranteed at VCC (TS419) or GND (TS421) for the whole temperature range. 2. When mounted on a 4-layer PCB 3. For more details on TWU, please refer to application note section on Wake-up time page 28. |