Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9520-0/PCBZ Fiches technique(PDF) 57 Page - Analog Devices

No de pièce AD9520-0/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9520-0/PCBZ Fiches technique(HTML) 57 Page - Analog Devices

Back Button AD9520-0/PCBZ Datasheet HTML 53Page - Analog Devices AD9520-0/PCBZ Datasheet HTML 54Page - Analog Devices AD9520-0/PCBZ Datasheet HTML 55Page - Analog Devices AD9520-0/PCBZ Datasheet HTML 56Page - Analog Devices AD9520-0/PCBZ Datasheet HTML 57Page - Analog Devices AD9520-0/PCBZ Datasheet HTML 58Page - Analog Devices AD9520-0/PCBZ Datasheet HTML 59Page - Analog Devices AD9520-0/PCBZ Datasheet HTML 60Page - Analog Devices AD9520-0/PCBZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
AD9520-0
Rev. 0 | Page 57 of 84
CS
SCLK
SDIO
tHIGH
tLOW
tCLK
tS
tDS
tDH
tC
BIT N
BIT N + 1
Figure 68. Serial Control Port Timing—Write
Table 46. Serial Control Port Timing
Parameter
Description
tDS
Setup time between data and rising edge of SCLK
tDH
Hold time between data and rising edge of SCLK
tCLK
Period of the clock
Setup time between CS falling edge and SCLK rising edge (start of communication cycle)
tS
Setup time between SCLK rising edge and CS rising edge (end of communication cycle)
tC
tHIGH
Minimum period that SCLK should be in a logic high state
tLOW
Minimum period that SCLK should be in a logic low state
tDV
SCLK to valid SDIO and SDO (see Figure 66)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84