| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5522JSVUZ Fiches technique(PDF) 54 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5522JSVUZ Fiches technique(HTML) 54 Page - Analog Devices |
|
54 / 60 page ![]() AD5522 Rev. A | Page 54 of 60 READBACK OF DAC REGISTER The DAC register readback function is a 24-bit word that includes the mode, address, and DAC data bits. Table 34. DAC Register Readback Bit Bit Name Description 23 (MSB) MODE1 The MODE1 and MODE0 bits indicate the type of DAC register (X1, M, or C) that is read. 01 = DAC gain (M) register. 10 = DAC offset (C) register. 11 = DAC input data (X1) register. 22 MODE0 DAC Register Specific Bits 21 to 16 A5 to A0 Address bits indicating the DAC register that is read. See Table 28. 15 to 0 (LSB) D15 to D0 Contents of the addressed DAC register (X1, M, or C). |