| Moteur de recherche de fiches techniques de composants électroniques |
|
TS321 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS321 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit Vcc Supply Voltage ±16 or 32 V Vi Input Voltage -0.3 to +32 V Vid Differential Input Voltage +32 V - Output Short-circuit Duration - (note 1) Infinite Iin Input Current – (note 5) 50 mA Toper Operating Free Air Temperature Range -40 to +125 oC Tstg Storage Temperature Range -65 to +150 oC 6 µA 4 µA 10 0 µA Q2 Q3 Q4 Q1 Inve rting inpu t No n-inve rting input Q8 Q9 Q10 Q1 1 Q12 50 µA Q1 3 Outpu t Q7 Q6 Q5 R SC V CC C C GND SCHEMATIC DIAGRAM TS321 2/8 |