Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1851AI Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce TS1851AI
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1851AI Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button TS1851AI Datasheet HTML 9Page - STMicroelectronics TS1851AI Datasheet HTML 10Page - STMicroelectronics TS1851AI Datasheet HTML 11Page - STMicroelectronics TS1851AI Datasheet HTML 12Page - STMicroelectronics TS1851AI Datasheet HTML 13Page - STMicroelectronics TS1851AI Datasheet HTML 14Page - STMicroelectronics TS1851AI Datasheet HTML 15Page - STMicroelectronics TS1851AI Datasheet HTML 16Page - STMicroelectronics TS1851AI Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TS1851-TS1852-TS1854
14/17
TS1852IPT
PACKAGE MECHANICAL DATA
8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
Dim.
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.05
A1
0.05
0.15
0.01
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.15
c
0.09
0.20
0.003
0.012
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.40
0.252
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.025
k0
°
8
°
0
°
8
°
l
0.50
0.60
0.75
0.09
0.0236
0.030
c
0.25mm
.010 inch
GAGE PLANE
E1
k
L
L1
E
A
A2
D
A1
b
5
8
4
1
PIN 1 IDENTIFICATION
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17