Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL084MP Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce TL084MP
Description  GENERAL PURPOSEJ-FET QUAD OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL084MP Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button TL084MP Datasheet HTML 3Page - STMicroelectronics TL084MP Datasheet HTML 4Page - STMicroelectronics TL084MP Datasheet HTML 5Page - STMicroelectronics TL084MP Datasheet HTML 6Page - STMicroelectronics TL084MP Datasheet HTML 7Page - STMicroelectronics TL084MP Datasheet HTML 8Page - STMicroelectronics TL084MP Datasheet HTML 9Page - STMicroelectronics TL084MP Datasheet HTML 10Page - STMicroelectronics TL084MP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PACKAGE MECHANICAL DATA
14 PINS - PL ASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
TL084 - TL084A - TL084B
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11