Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS-300-CFF-R4R4T4G Fiches technique(PDF) 4 Page - Vectron International, Inc

No de pièce CS-300-CFF-R4R4T4G
Description  Clock Smoother
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CS-300-CFF-R4R4T4G Fiches technique(HTML) 4 Page - Vectron International, Inc

  CS-300-CFF-R4R4T4G Datasheet HTML 1Page - Vectron International, Inc CS-300-CFF-R4R4T4G Datasheet HTML 2Page - Vectron International, Inc CS-300-CFF-R4R4T4G Datasheet HTML 3Page - Vectron International, Inc CS-300-CFF-R4R4T4G Datasheet HTML 4Page - Vectron International, Inc CS-300-CFF-R4R4T4G Datasheet HTML 5Page - Vectron International, Inc CS-300-CFF-R4R4T4G Datasheet HTML 6Page - Vectron International, Inc CS-300-CFF-R4R4T4G Datasheet HTML 7Page - Vectron International, Inc CS-300-CFF-R4R4T4G Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS-300 Clock Smoother
Vectron International, 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 4 of 8
Rev: 02Jan07
25
217
200
150
260
Time (sec)
t S
t AMB-P
t L
t P
R
R DN
Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
t S
60 sec Min, 180 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC
t P
20 sec Min, 40 sec Max
Ramp Down
R DN
6
oC/sec Max
The CS-300 is being qualified to meet the
JEDEC standard for Pb-Free assembly. The
temperatures and time intervals listed are
based on the Pb-Free small body
requirements. The temperatures refer to the
topside of the package, measured on the
package body surface. The CS-300 should not
be subjected to a wash process that will
immerse it in solvents. NO CLEAN is the
recommended procedure. The CS-300 has
been designed for pick and place reflow
soldering. The CS-300 may be reflowed once
and should not be reflowed in the inverted
position.



Html Pages

1 2 3 4 5 6 7 8