Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP31A Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce TIP31A
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP31A Fiches technique(HTML) 3 Page - STMicroelectronics

  TIP31A Datasheet HTML 1Page - STMicroelectronics TIP31A Datasheet HTML 2Page - STMicroelectronics TIP31A Datasheet HTML 3Page - STMicroelectronics TIP31A Datasheet HTML 4Page - STMicroelectronics TIP31A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC Current Gain (NPN type)
Collector-Emitter Saturation Voltage (NPN type)
Base-Emitter Saturation Voltage (NPN type)
DC Current Gain (PNP type)
Collector-Emitter Saturation Voltage (PNP type)
Collector-Base Capacitance (PNP type)
TIP31A/TIP31C/TIP32A/TIP32B/TIP32C
3/5



Html Pages

1 2 3 4 5