Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP115 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TIP115
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP115 Fiches technique(HTML) 4 Page - STMicroelectronics

  TIP115 Datasheet HTML 1Page - STMicroelectronics TIP115 Datasheet HTML 2Page - STMicroelectronics TIP115 Datasheet HTML 3Page - STMicroelectronics TIP115 Datasheet HTML 4Page - STMicroelectronics TIP115 Datasheet HTML 5Page - STMicroelectronics TIP115 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Base-Emitter On Voltage (NPN type)
Base-Emitter On Voltage (PNP type)
Freewheel Diode Forward Voltage (NPN types)
Freewheel Diode Forward Voltage (PNP types)
TIP110/TIP112/TIP115/TIP117
4/6



Html Pages

1 2 3 4 5 6