Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THD200FI Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce THD200FI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THD200FI Fiches technique(HTML) 5 Page - STMicroelectronics

  THD200FI Datasheet HTML 1Page - STMicroelectronics THD200FI Datasheet HTML 2Page - STMicroelectronics THD200FI Datasheet HTML 3Page - STMicroelectronics THD200FI Datasheet HTML 4Page - STMicroelectronics THD200FI Datasheet HTML 5Page - STMicroelectronics THD200FI Datasheet HTML 6Page - STMicroelectronics THD200FI Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
In order to saturate the power switch and reduce
conduction losses, adequate direct base current
IB1 has to be provided for the lowest gain hFE at Tj
= 100
oC (line scan phase). On the other hand,
negative base current IB2 must be provided turn
off the power transistor (retrace phase). Most of
the
dissipation, especially in
the
deflection
application, occurs at switch-off so it is essential
to determine the value of IB2 which minimizes
power losses, fall time tf and, consequently, Tj.A
new set of curves have been defined to give total
power losses, ts and tf as a function of IB2 at both
32 KHz and 64 KHz scanning frequencies in
order to choice the optimum negative drive. The
test circuit is illustrated in fig. 1.
Inductance L1 serves to control the slope of the
negative base current IB2 in order to recombine
the excess carriers in the collector when base
current is still present, thus avoiding any tailing
phenomenon in the collector current.
The values of L and C are calculated from the
following equations:
1
2
L
(IC)2 =
1
2
C
(VCEfly)2
ω= 2 πf =
1
√
L C
Where IC = operating collector current, VCEfly=
flyback voltage, f= frequency of oscillation during
retrace.
BASE DRIVE INFORMATION
Figure 1: Inductive Load Switching Test Circuit.
Figure 2: Switching Waveforms in a Deflection Circuit.
THD200FI
5/7



Html Pages

1 2 3 4 5 6 7