Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEF3718SSP Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce TEF3718SSP
Description  STEPPER MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEF3718SSP Fiches technique(HTML) 7 Page - STMicroelectronics

  TEF3718SSP Datasheet HTML 1Page - STMicroelectronics TEF3718SSP Datasheet HTML 2Page - STMicroelectronics TEF3718SSP Datasheet HTML 3Page - STMicroelectronics TEF3718SSP Datasheet HTML 4Page - STMicroelectronics TEF3718SSP Datasheet HTML 5Page - STMicroelectronics TEF3718SSP Datasheet HTML 6Page - STMicroelectronics TEF3718SSP Datasheet HTML 7Page - STMicroelectronics TEF3718SSP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
POWERDIP 16 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.85
1.40
0.033
0.055
b
0.50
0.020
b1
0.38
0.50
0.015
0.020
D
20.0
0.787
E
8.80
0.346
e
2.54
0.100
e3
17.78
0.700
F
7.10
0.280
I
5.10
0.201
L
3.30
0.130
Z
1.27
0.050
TEF3718-TEF3718S
7/8



Html Pages

1 2 3 4 5 6 7 8