Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA7532DP Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce TEA7532DP
Description  MONITOR AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7532DP Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button TEA7532DP Datasheet HTML 4Page - STMicroelectronics TEA7532DP Datasheet HTML 5Page - STMicroelectronics TEA7532DP Datasheet HTML 6Page - STMicroelectronics TEA7532DP Datasheet HTML 7Page - STMicroelectronics TEA7532DP Datasheet HTML 8Page - STMicroelectronics TEA7532DP Datasheet HTML 9Page - STMicroelectronics TEA7532DP Datasheet HTML 10Page - STMicroelectronics TEA7532DP Datasheet HTML 11Page - STMicroelectronics TEA7532DP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 15.
Principle of operation.
When examining the spectral density of the voice
area and the larsen area, it can be seen that the
dominant features of each exist in different fre-
quency bands.
To extract the larsen component, the microphone
signal is first filtered by a second order filter (formed
by two first order filters), then amplified and rectified
in order to produce the AGC control signal.
The first filter is generated by the capacitors on pins 5 and 6 ; the second filter by the R-C network on pin 7.
Figure 16.
Zin : 4 k
Ω
V7
A=
= 15
V5 – V6
TEA7532
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16