Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA7530DP Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce TEA7530DP
Description  MONITOR AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7530DP Fiches technique(HTML) 5 Page - STMicroelectronics

  TEA7530DP Datasheet HTML 1Page - STMicroelectronics TEA7530DP Datasheet HTML 2Page - STMicroelectronics TEA7530DP Datasheet HTML 3Page - STMicroelectronics TEA7530DP Datasheet HTML 4Page - STMicroelectronics TEA7530DP Datasheet HTML 5Page - STMicroelectronics TEA7530DP Datasheet HTML 6Page - STMicroelectronics TEA7530DP Datasheet HTML 7Page - STMicroelectronics TEA7530DP Datasheet HTML 8Page - STMicroelectronics TEA7530DP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CIRCUIT DESCRIPTION
TEA7530 is a 8 pin DIP integrated circuit provid-
ing the following facilities:
♦ Loudspeakeramplifier
♦ Antidistortion feed-back system (limited line
current compensation)
1.1. LOUDSPEAKER AMPLIFIER
The amplifier is divided into 2 main sections.
- Automatic Gain Control (AGC)
- Push-pull amplifier (bridge structure)
a) The AGC section is used for the antidistortion
system.
♦When used in a telephone set to avoid larsen
effect the AGC automatically decreases loud-
speaker amplifier gain.
♦When the required output level exceeds the
capabilities of the available current, the AGC
decreases the loudspeaker amplifier gain to
avoids distortion.
b) The output amplifier uses a double push-pull
configuration (H bridge) to get maximum dynamic
range under limited supply conditions.
Figure 9
Figure 10
TEA7530
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11