| Moteur de recherche de fiches techniques de composants électroniques |
|
TEA7063FP Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TEA7063FP Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 15 page ![]() TEA7063 SPEECH CIRCUIT WITH POWER MANAGEMENT PRELIMINARY DATA 2/4 WIRES INTERFACE WITH - double antisidetone network - AC impedance externally programmable - Rx output dynamic programmable - AGC attack-disconnect points programmable ANTI-CLIPPING/ANTI DISTORTION CIRCUIT PROGRAMMABLE DTMF INTERFACE 3.3 VOLTS SUPPLY FOR MICROPROCES- SOR OR DIALER EXTRA CURRENT SUPPLY PROGRAMMA- BLE FOR LOUD SPEAKER DC CHARACTERISTIC PROGRAMMABLE FOR ALL SPECIFICATION LOW CURRENT OPERATION DESCRIPTION The TEA7063 is designed to meet the different worldwide specifications for telephone set in me- dium and high range equipments. This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice. January 1994 BLOCK DIAGRAM DIP20 SO20 ORDERING NUMBERS: TEA7063FP TEA7063DP 1/15 |
Numéro de pièce similaire - TEA7063FP |
|
Description similaire - TEA7063FP |