Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA7063 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TEA7063
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TEA7063 Datasheet HTML 7Page - STMicroelectronics TEA7063 Datasheet HTML 8Page - STMicroelectronics TEA7063 Datasheet HTML 9Page - STMicroelectronics TEA7063 Datasheet HTML 10Page - STMicroelectronics TEA7063 Datasheet HTML 11Page - STMicroelectronics TEA7063 Datasheet HTML 12Page - STMicroelectronics TEA7063 Datasheet HTML 13Page - STMicroelectronics TEA7063 Datasheet HTML 14Page - STMicroelectronics TEA7063 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SO20 PACKAGE MECHANICAL DATA
DIM.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45
o (typ.)
D
12.6
13.0
0.496
0.510
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.4
7.6
0.291
0.300
L
0.5
1.27
0.020
0.050
M
0.75
0.030
S8
o (max.)
TEA7063
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15