Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA2028 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 39Page - STMicroelectronics TEA2028 Datasheet HTML 40Page - STMicroelectronics TEA2028 Datasheet HTML 41Page - STMicroelectronics TEA2028 Datasheet HTML 42Page - STMicroelectronics TEA2028 Datasheet HTML 43Page - STMicroelectronics TEA2028 Datasheet HTML 44Page - STMicroelectronics TEA2028 Datasheet HTML 45Page - STMicroelectronics TEA2028 Datasheet HTML 46Page - STMicroelectronics TEA2028 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
VIII.6.1.3 - ”S” Correction circuit in quasi-bridge configuration
The ”S” correction waveform is obtained using the
non-linear ”VDIODE” versus ”IDIODE” characteristics
3
2
1
VIN
R
R1
V-
C
A
R2
R3
V+
R’3
R’2
R’1
P2
VP
V+
Frame Reference
Sawtooth
VOUT
P1
R M
Frame
Amplitude
Adjust
α, RM .IY
VB
IY
RM .IY
Frame
Yoke
Figure 89
2
3
R1
R2
R
R3
R5
220
Ω
R4
2.2k
Ω
100
Ω
D2
D1
100
Ω
R M
VB
YOKE
TEA2029C
Figure 90
of ”D1” and ”D2” diodes.
The signal pre-corrected by ”D1”, ”D2” diodes and
the feed-back signal through ”R5”, are summed at
”A”. The ”S” correction level is determined by the
ratio between ”R4” and ”R5” resistors.
VIII.6.2 - Frame scanning in switched mode
using coupling capacitor (see Figure 91)
The parabolic voltage at (a) is integrated by ”R2,
C2” network and used for ”S” correction.
The ”S” waveform voltage at (b) is added to the
saw-tooth voltage at (c). The ”S” levelis determined
by ”C2, R2, R3” network.
12
3
+VB
27k
Ω
FRAME
SWATOOTH
150k
Ω
10k
Ω
R3
680k
Ω
R2
820k
Ω
Linearity
Adjustment
C2
0.1
µF
100
Ω
56k
Ω
Vertical
Amplitude
Adjust
10
Ω
CP
(c)
(a)
(b)
To Safety
Input
R4
R5
TEA2029C
220k
Ω
YOKE
Figure 91
TEA2028 - TEA2029 APPLICATION NOTE
44/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47