Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDF1737 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TDF1737
Description  INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1737 Fiches technique(HTML) 6 Page - STMicroelectronics

  TDF1737 Datasheet HTML 1Page - STMicroelectronics TDF1737 Datasheet HTML 2Page - STMicroelectronics TDF1737 Datasheet HTML 3Page - STMicroelectronics TDF1737 Datasheet HTML 4Page - STMicroelectronics TDF1737 Datasheet HTML 5Page - STMicroelectronics TDF1737 Datasheet HTML 6Page - STMicroelectronics TDF1737 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MINIDIP PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0.260
I
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060
TDE1737 - TDF1737
6/7



Html Pages

1 2 3 4 5 6 7