| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA9115 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9115 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 45 page ![]() TDA9115 Horizontal VCO Phase/frequency comparator Horizontal position Lock detection PLL1 V-sync detection Input selection Polarity handling Vertical oscillator with AGC S-correction C-correction PLL2 Phase comparator Phase shifter H duty controller Pin cushion asymm. Parallelogram H-drive buffer H-moiré controller H-moiré amplitude V-sync extraction & detection Geometry tracking V-dynamic correction (focus, bright.) VDyCor amplitude H-sync detection Polarity handling V-blank H-lock 3 HLckVBk Safety processor 25 XRay 11 HMoiré 32 VDyCor 19 VOscF 21 VGND 2 VSyn 27 GND 26 HOut 5 HPLL2C 12 HFly 4 HOscF 6 C0 8 R0 9 HPLL1F 10 HPosF 7 HGND H/HVSyn 1 I 2C Bus interface 31 SDA SCL 30 Supply supervision Reference generation 13 RefOut 29 Vcc I 2C Bus registers B+ DC/DC converter controller 28 BOut 16 BISense 15 BRegIn 14 BComp VAGCCap 20 22 VCap V-ramp control Tracking EHT Vertical size Vertical position Vertical moiré 18 VEHTIn 23 VOut 17 HEHTIn EW generator Pin cushion Keystone 24 EWOut Internal ref. : Functions controlled via I2C Bus H size |