| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA9113 Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9113 Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 50 page ![]() TDA9113 47/50 12 - GLOSSARY AC Alternate Current ACK ACKnowledge bit of I2C-bus transfer AGC Automatic Gain Control COMP COMParator CRT Cathode Ray Tube DC Direct Current EHT Extra High Voltage EW East-West H/W HardWare HOT Horizontal Output Transistor I2CInter-Integrated Circuit IIC Inter-Integrated Circuit MCU Micro-Controller Unit NAND Negated AND (logic operation) NPN Negative-Positive-Negative OSC OSCillator PLL Phase-Locked Loop PNP Positive-Negative-Positive REF REFerence RS, R-S Reset-Set S/W SoftWare TTL Transistor Transistor Logic VCO Voltage-Controlled Oscillator |