Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9109 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 22Page - STMicroelectronics TDA9109 Datasheet HTML 23Page - STMicroelectronics TDA9109 Datasheet HTML 24Page - STMicroelectronics TDA9109 Datasheet HTML 25Page - STMicroelectronics TDA9109 Datasheet HTML 26Page - STMicroelectronics TDA9109 Datasheet HTML 27Page - STMicroelectronics TDA9109 Datasheet HTML 28Page - STMicroelectronics TDA9109 Datasheet HTML 29Page - STMicroelectronics TDA9109 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
PACKAGE MECHANICAL DATA
32 PINS - PLASTIC SHRINK DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.556
3.759
5.080
0.140
0.148
0.200
A1
0.508
0.020
A2
3.048
3.556
4.572
0.120
0.140
0.180
B
0.356
0.457
0.584
0.014
0.018
0.023
B1
0.762
1.016
1.397
0.030
0.040
0.055
C
0.203
0.254
0.356
0.008
0.010
0.014
D
27.43
27.94
28.45
1.080
1.100
1.120
E
9.906
10.41
11.05
0.390
0.410
0.435
E1
7.620
8.890
9.398
0.300
0.350
0.370
e
1.778
0.070
eA
10.16
0.400
eB
12.70
0.500
L
2.540
3.048
3.810
0.100
0.120
0.150
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No licence is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supe rsedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical comp onents in lifesupport devicesor systems
without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1998 STMicroelectronics - All Rights Reserved
Purchase of I
2C Components of STMicroelectronics, conveys a license under the Philips I2C Patent.
Rights to use these components in a I
2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco- The Netherlands
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
TDA9109/SN
30/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30